Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM5310PAPR Fiches technique(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Fiches technique(HTML) 85 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 81Page - Texas Instruments PCM5310PAPR Datasheet HTML 82Page - Texas Instruments PCM5310PAPR Datasheet HTML 83Page - Texas Instruments PCM5310PAPR Datasheet HTML 84Page - Texas Instruments PCM5310PAPR Datasheet HTML 85Page - Texas Instruments PCM5310PAPR Datasheet HTML 86Page - Texas Instruments PCM5310PAPR Datasheet HTML 87Page - Texas Instruments PCM5310PAPR Datasheet HTML 88Page - Texas Instruments PCM5310PAPR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
Register 109 (6Dh)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
109
6Dh
SCK selection of PORT-5 and PORT-6
RSV
SCS6[3:0]
RSV
SCS5[3:0]
SCS6[3:0]: SCK Selection of PORT-6 (MUX_P6SC)
These bits are used for routing SCK of PORT-6. Any combination of SCK1 to SCK6 and SCK can be connected
to PORT-6. Refer to Figure 51 for more details.
Default value: 101
000
Output SCK1
001
Output SCK2
010
Output SCK3
011
Output SCK4
100
Output SCK5
101
Input SCK6 (default)
Others
Reserved
SCS5[3:0]: SCK Selection of PORT-5 (MUX_P5SC)
These bits are used for routing SCK of PORT-5. Any combination of SCK1 to SCK6 and SCK can be connected
to PORT-5. Refer to Figure 52 for more details.
Default value: 100
000
Output SCK1
001
Output SCK2
010
Output SCK3
011
Output SCK4
100
Input SCK5 (default)
101
Output SCK6
Others
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
85
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More