| Moteur de recherche de fiches techniques de composants électroniques |
|
CDCE62002 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCE62002 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 49 page ![]() INTERFACE and CONTROL BLOCK Device Hardware Static RAM DeviceRegisters Register0 Register1 Register2 EEPROM DeviceRegisters Register0 Register1 Register2 Interface & Control PD SPI_ LE SPI_ CLK SPI_ MOSI SPI_ MISO CDCE62002 SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com The Interface and Control Block includes a SPI interface, four control pins, a non-volatile memory array in which the device stores default configuration data, and an array of device registers implemented in Static RAM. This RAM, also called the device registers, configures all hardware within the CDCE62002. Figure 15. CDCE62002 Interface and Control Block 18 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): CDCE62002 |