| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS77C82 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 66 page ![]() TMS370Cx4x 8-BIT MICROCONTROLLER SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997 28 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timer 2A module (continued) D T2A clock sources can be any of the following: – System clock – No clock (the counter is stopped) – External clock synchronized to the system clock (event counter) – System clock while external input is high (pulse accumulation) D Selectable edge-detection circuitry that, depending on the mode of operation, senses active transitions on the input capture pins (T2AIC1/CR) D Interrupts that can be generated on the occurrence of: – A compare equal to dedicated-compare register – A compare equal to capture-compare register – A counter overflow – An external edge 1 detection – An external edge 2 detection D Fourteen T2A module-control registers: Located in the PF frame beginning at address P060 |