Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS77C82 Fiches technique(PDF) 46 Page - Texas Instruments

No de pièce TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Fiches technique(HTML) 46 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 42Page - Texas Instruments TMS77C82 Datasheet HTML 43Page - Texas Instruments TMS77C82 Datasheet HTML 44Page - Texas Instruments TMS77C82 Datasheet HTML 45Page - Texas Instruments TMS77C82 Datasheet HTML 46Page - Texas Instruments TMS77C82 Datasheet HTML 47Page - Texas Instruments TMS77C82 Datasheet HTML 48Page - Texas Instruments TMS77C82 Datasheet HTML 49Page - Texas Instruments TMS77C82 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 19. Peripheral File Frame Compilation (Continued)
PF
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
TIMER 1 MODULE REGISTER (CONTINUED)
P044
Bit 15
Capture/Compare-Register MSbyte
Bit 8
T1CC
P045
Bit 7
Capture/Compare-Register LSbyte
Bit 0
P046
Bit 15
Watchdog-Counter MSbyte
Bit 8
WDCNTR
P047
Bit 7
Watchdog-Counter LSbyte
Bit 0
P048
Bit 7
Watchdog-Reset Key
Bit 0
WDRST
P049
WD OVRFL
TAP SEL†
WD
INPUT
SELECT2†
WD
INPUT
SELECT1†
WD
INPUT
SELECT0†
—
T1
INPUT
SELECT2
T1
INPUT
SELECT1
T1 INPUT
SELECT0
T1CTL1
P04A
WD OVRFL
RST ENA†
WD OVRFL
INT ENA
WD OVRFL
INT FLAG
T1 OVRFL
INT ENA
T1 OVRFL
INT FLAG
—
—
T1 SW
RESET
T1CTL2
Mode: Dual-Compare
P04B
T1EDGE
INT FLAG
T1C2
INT FLAG
T1C1
INT FLAG
—
—
T1EDGE
INT ENA
T1C2
INT ENA
T1C1
INT ENA
T1CTL3
P04C
T1
MODE = 0
T1C1
OUT ENA
T1C2
OUT ENA
T1C1
RST ENA
T1CR
OUT ENA
T1EDGE
POLARITY
T1CR
RST ENA
T1EDGE
DET ENA
T1CTL4
Mode: Capture/Compare
P04B
T1EDGE
INT FLAG
—
T1C1
INT FLAG
—
—
T1EDGE
INT ENA
—
T1C1
INT ENA
T1CTL3
P04C
T1
MODE = 1
T1C1
OUT ENA
—
T1C1
RST ENA
—
T1EDGE
POLARITY
—
T1EDGE
DET ENA
T1CTL4
Modes: Dual-Compare and Capture/Compare
P04D
—
—
—
—
T1EVT
DATA IN
T1EVT
DATA OUT
T1EVT
FUNCTION
T1EVT DATA
DIR
T1PC1
P04E
T1PWM
DATA IN
T1PWM
DATA OUT
T1PWM
FUNCTION
T1PWM
DATA DIR
T1IC/CR
DATA IN
T1IC/CR
DATA OUT
T1IC/CR
FUNCTION
T1IC/CR DATA
DIR
T1PC2
P04F
T1 STEST
T1
PRIORITY
—
—
—
—
—
—
T1PRI
SCI1 MODULE CONTROL REGISTER
P050
STOP BITS
EVEN/ODD
PARITY
PARITY
ENABLE
ASYNC/
ISOSYNC
ADDRESS/
IDLE WUP
SCI CHAR2
SCI CHAR1
SCI CHAR0
SCICCR
P051
—
—
SCI SW RE-
SET
CLOCK
TXWAKE
SLEEP
TXENA
RXENA
SCICTL
P052
BAUDF
(MSB)
BAUDE
BAUDD
BAUDC
BAUDB
BAUDA
BAUD9
BAUD8
BAUD
MSB
P053
BAUD7
BAUD6
BAUD5
BAUD4
BAUD3
BAUD2
BAUD1
BAUD0
(LSB)
BAUD
LSB
P054
TXRDY
TX EMPTY
—
—
—
—
—
SCI TX
INT ENA
TXCTL
P055
RX
ERROR
RXRDY
BRKDT
FE
OE
PE
RXWAKE
SCI RX
INT ENA
RXCTL
P056
Reserved
P057
RXDT7
RXDT6
RXDT5
RXDT4
RXDT3
RXDT2
RXDT1
RXDT0
RXBUF
P058
Reserved
P059
TXDT7
TXDT6
TXDT5
TXDT4
TXDT3
TXDT2
TXDT1
TXDT0
TXBUF
† Once the WD OVRFL RST ENA bit is set, these bits cannot be changed until after a full power-down cycle has been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66