Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320F241FN Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Fiches technique(HTML) 3 Page - Texas Instruments

  TMS320F241FN Datasheet HTML 1Page - Texas Instruments TMS320F241FN Datasheet HTML 2Page - Texas Instruments TMS320F241FN Datasheet HTML 3Page - Texas Instruments TMS320F241FN Datasheet HTML 4Page - Texas Instruments TMS320F241FN Datasheet HTML 5Page - Texas Instruments TMS320F241FN Datasheet HTML 6Page - Texas Instruments TMS320F241FN Datasheet HTML 7Page - Texas Instruments TMS320F241FN Datasheet HTML 8Page - Texas Instruments TMS320F241FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device features
Table 1 and Table 2 provide a comparison of the features of the ’C242 to the ’F241. See the functional block
diagram for the ’C242 peripherals and memory.
Table 1. Hardware Features of the TMS320x24x DSP Controllers
ON-CHIP MEMORY (WORDS)
RAM
EXTERNAL
POWER
CYCLE
TMS320x24x
DEVICES
DATA SPACE
CONFIGURABLE
DATA / PROG SPACE
EXTERNAL
MEMORY
INTERFACE
POWER
SUPPLY
(V)
CYCLE
TIME
(ns)
(B1 RAM - 256 WORDS)
(B2 RAM - 32 WORDS)
(B0 RAM)
INTERFACE
()
()
TMS320C242
288
256
5
50
TMS320F241
288
256
–
5
50
Table 2. Device Specifications of the TMS320x24x DSP Controllers
ON-CHIP MEMORY (WORDS)
TMS320x24x
DEVICES
ROM
FLASH
EEPROM
ADC
CHANNELS
PERIPHERALS
GPIO
PACKAGE
TYPE
PIN COUNT
DEVICES
PROG
PROG
CHANNELS
CAN
SPI
PIN COUNT
TMS320C242
4K
–
8
–
–
26
FN 68-PLCC
TMS320F241
–
8K
8
√
√
26
FN 68 PLCC
PG 64-PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66