Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320F241FN Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Fiches technique(HTML) 22 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 18Page - Texas Instruments TMS320F241FN Datasheet HTML 19Page - Texas Instruments TMS320F241FN Datasheet HTML 20Page - Texas Instruments TMS320F241FN Datasheet HTML 21Page - Texas Instruments TMS320F241FN Datasheet HTML 22Page - Texas Instruments TMS320F241FN Datasheet HTML 23Page - Texas Instruments TMS320F241FN Datasheet HTML 24Page - Texas Instruments TMS320F241FN Datasheet HTML 25Page - Texas Instruments TMS320F241FN Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external interrupts
The ’C242 device has four external interrupts. These interrupts include:
D XINT1. The XINT1 control register (at 7070h) provides control and status for this interrupt. XINT1 can be used
as a high-priority (Level 1) or low-priority (Level 6) maskable interrupt or as a general-purpose I/O pin. XINT1
can also be programmed to trigger an interrupt on either the rising or the falling edge.
D XINT2. The XINT2 control register (at 7071h) provides control and status for this interrupt. XINT2 can be used
as a high-priority (Level 1) or low-priority (Level 6) maskable interrupt or a general-purpose I/O pin. XINT2 can
also be programmed to trigger an interrupt on either the rising or the falling edge.
D NMI. This is a nonmaskable external interrupt.
D PDPINT. This interrupt is provided for safe operation of power converters and motor drives controlled by
the ’C242. This maskable interrupt can put the timers and PWM output pins in high-impedance states and
inform the CPU in case of motor drive abnormalities such as overvoltage, overcurrent, and excessive
temperature rise. PDPINT is a Level 1 interrupt.
Table 6 is a summary of the external interrupt capability of the ’C242.
Table 6. External Interrupt Types and Functions
EXTERNAL
INTERRUPT
CONTROL
REGISTER
NAME
CONTROL
REGISTER
ADDRESS
MASKABLE?
XINT1
XINT1CR
7070h
Yes
(Level 1 or 6)
XINT2
XINT2CR
7071h
Yes
(Level 1 or 6)
NMI
—
—
No
PDPINT
EVIMRA
742Ch
Yes
(Level 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66