Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2602 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2602
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2602 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2602 Datasheet HTML 1Page - KR Electronics, Inc. 2602 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
CH1
S21
LOG
1 dB/
REF -2.507 dB
CENTER
400 . 000
000
MHz
SPAN
40 . 000
000
MHz
Cor
CH2
S21
DEL
5 ns/
REF 15 ns
Cor
Smo
16 Apr 2005 12:58:16
CH1
S21
LOG
10 dB/
REF 0 dB
START
100 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Cor
16 Apr 2005 13:25:17
KR 2602 Bandpass Filter
KR 2602 is a 400 MHz bandpass filter. The filter has a
20 MHz min 3 dB bandwidth and is designed for 50
Ω source
and load impedance. Other passband frequencies, bandwidths
and impedances are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 400 MHz Bandpass
• 50 Ω
• DIP Package
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2602

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
2602 L-COM-2602 Datasheet
64Kb / 1P
Clamp: N-Female for Cable Group 6
5/16/07
logo
KR Electronics, Inc.
2602-SMA KR-2602-SMA Datasheet
48Kb / 2P
Bandpass Filter
logo
EAO AG.
2602.3172E EAO-2602.3172E Datasheet
200Kb / 18P
Switches and Indicators
01.2000
2602.3174E EAO-2602.3174E Datasheet
200Kb / 18P
Switches and Indicators
01.2000
2602.3175E EAO-2602.3175E Datasheet
200Kb / 18P
Switches and Indicators
01.2000
More results

Description similaire - 2602

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com