| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT3622PCB Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3622PCB Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 28 page ![]() SN74ACT3622 256 × 36 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS247D – AUGUST 1993 – REVISED APRIL 1998 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description The SN74ACT3622 is a high-speed, low-power CMOS clocked bidirectional FIFO memory. It supports clock frequencies up to 67 MHz with read access times of 11 ns. Two independent 256 × 36 dual-port SRAM FIFOs on the chip buffer data in opposite directions. Each FIFO has flags to indicate empty and full conditions and two programmable flags almost full (AF) and almost empty (AE) to indicate when a selected number of words is stored in memory. Communication between each port can bypass the FIFOs via two 36-bit mailbox registers. Each mailbox register has a flag to signal when new mail has been stored. Two or more devices can be used in parallel to create wider datapaths. The SN74ACT3622 is a clocked FIFO, which means each port employs a synchronous interface. All data transfers through a port are gated to the low-to-high transition of a port clock by enable signals. The clocks for each port are independent of one another and can be asynchronous or coincident. The enables for each port are arranged to provide a simple bidirectional interface between microprocessors and/or buses with synchronous control. The input-ready (IRA, IRB) flag and almost-full (AFA, AFB) flag of a FIFO are two-stage synchronized to the port clock that writes data to its array. The output-ready (ORA, ORB) flag and almost-empty (AEA, AEB) flag of a FIFO are two-stage synchronized to the port clock that reads data from its array. Offset values for the AF and AE flags of the FIFO can be programmed from port A. The SN74ACT3622 is characterized for operation from 0 °C to 70°C. For more information on this device family, see the application report FIFO Mailbox-Bypass Registers: Using Bypass Registers to Initialize DMA Control (literature number SCAA007) and Metastability Performance of Clocked FIFOs (literature number SCZA004). |