| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT3622PCB Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3622PCB Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 28 page ![]() SN74ACT3622 256 × 36 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS247D – AUGUST 1993 – REVISED APRIL 1998 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 CLKB IRA B0 – B35 MBB ENB CSB W/RB ORB CLKA CSA W/RA MBA ENA A0 – A35 tsu(EN) th(EN) tc th(EN) tsu(EN) tpd(C-IR) FIFO1 Full tc tsk1† ta Previous Word in FIFO1 Output Register Next Word From FIFO1 To FIFO1 Low Low High Low High th(EN) tsu(EN) th(D) tsu(D) High tpd(C-IR) 12 tw(CLKL) tw(CLKH) tw(CLKL) tw(CLKH) † tsk1 is the minimum time between a rising CLKB edge and a rising CLKA edge for IRA to transition high in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tsk1, IRA may transition high one CLKA cycle later than shown. Figure 9. IRA-Flag Timing and First Available Write When FIFO1 Is Full |