Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M2016TYG Fiches technique(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce M2016TYG
Description  Miniature Rockers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2016TYG Fiches technique(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2016TYG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Rockers
Series M
Distinctive Characteristics
Three methods of panel mounting: flat frame for flush with face or subpanel,
snap-in, and PCB.
High insulating barriers increase isolation of circuits in multipole devices
and provide added protection to contact points.
The molded diallyl phthalate case has a UL 94V-0
flammability rating.
Epoxy sealed terminals prevent entry of solder flux
and other contaminants.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Bias guard prevents misalignment of contacts;
interlocking of actuator block with rocker and
internal guide does not allow transmission of
diagonal force on rocker to reach contact
mechanism.
Clinching of the frame to the case well above the base and
terminals provides 1,500V dielectric strength.
Actual Size


Numéro de pièce similaire - M2016TYG

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
M2016TJA01-FA NKK-M2016TJA01-FA Datasheet
2Mb / 29P
General Specifications
M2016TJA01-FB NKK-M2016TJA01-FB Datasheet
2Mb / 29P
General Specifications
M2016TJA01-FC NKK-M2016TJA01-FC Datasheet
2Mb / 29P
General Specifications
M2016TJA01-FE NKK-M2016TJA01-FE Datasheet
2Mb / 29P
General Specifications
M2016TJA01-GA NKK-M2016TJA01-GA Datasheet
2Mb / 29P
General Specifications
More results

Description similaire - M2016TYG

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
Miniature Power Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
Process Sealed Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
Snap-in Miniature Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
LED Miniature Power Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
Snap-in Miniature Rockers
logo
List of Unclassifed Man...
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
Miniature Rockers
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
Miniature Rockers
logo
Nihon Kaiheiki Industry...
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com