Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M2016TYG Fiches technique(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce M2016TYG
Description  Miniature Rockers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2016TYG Fiches technique(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2016TYG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2016TYG Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
Series M
MOUNTING FRAMES
.272” (6.9mm)
Wide Flat Frame
TN
Small Actuators & Panel Cutouts for TN Frame (actuator details on the following pages)
TY
Mounting hardware kit HK-1, as shown on the
following page, must be ordered separately.
AT4148
AT4149
AT4150
AT4151
Large Actuators & Panel Cutout for TY Frame
(actuator details on the following pages)
AT4156
AT4157
Mounting hardware kit HK-2, as shown on the
following page, must be ordered separately.
.504” (12.8mm)
Wide Flat Frame
(0.6)
.024
(3.5)
.138
(6.9)
.272
(29.5)
1.161
(23.8)
.937
(2.4) Dia Typ
.094
(3.2) Dia Typ
.126
(12.8)
.504
(41.3)
1.626
(34.9)
1.374
(0.6)
.024
(3.5)
.138
(16.0)
.630
(28.5)
1.122
(34.9)
1.374
(3.5) Dia Typ
.138
(23.8)
.937
(12.7)
.500
(12.4)
.490
(2.6) Dia Typ
.102
(17.8)
.701
(23.8)
.937
(2.6) Dia Typ
.102
(10.1)
.398



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com