| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0470 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0470 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 37 page ![]() UM0470 Debug module (DM) 23/37 4.6 Timing description This paragraph defines when the Debug Module stalls the CPU when using the different breakpoint sources. ● The STM8 instruction can be modelized in time with an op-code/operand FETCH phase DECODE and EXECUTION phases as shown in Figure 12. The timing information is based on this models. Figure 12. STM8 Instruction Model 4.7 Abort The stall is generated immediately on writing the STALL bit in the DM_CSR2 register. Figure 13. STM8 Debug Module Stall Timing 4.8 Data breakpoint A stall is generated when SWIM is active, after the end of the current instruction execution. Figure 14. STM8 DM Data Break Timing OP-CODE/operand DECODE EXECUTE FETCH t (1 to 10 tCPU) INSTRUCTION 1-5 bytes (1-2 tCPU) (1 to5tCPU) t INSTRUCTION 1 INSTRUCTION 2 INSTRUCTION 3 STALL REQUEST DM Stall generated t DATA BREAK REQUEST Stall generated Dec2.n D_rd1 Exe2.1 D_wr1 Fetch2 ...Exe3(stalled)... |