Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCI4450 Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce PCI4450
Description  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 9Page - Texas Instruments PCI4450 Datasheet HTML 10Page - Texas Instruments PCI4450 Datasheet HTML 11Page - Texas Instruments PCI4450 Datasheet HTML 12Page - Texas Instruments PCI4450 Datasheet HTML 13Page - Texas Instruments PCI4450 Datasheet HTML 14Page - Texas Instruments PCI4450 Datasheet HTML 15Page - Texas Instruments PCI4450 Datasheet HTML 16Page - Texas Instruments PCI4450 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
terminal functions (continued)
Table 7. PCI Interface Control
TERMINAL
I/O
FUNCTION
NAME
GFN NO.
GJG NO.
I/O
TYPE
FUNCTION
DEVSEL
U19
U19
I/O
PCI device select. The PCI4450 asserts DEVSEL to claim a PCI cycle as the target device.
As a PCI initiator on the bus, the PCI4450 monitors DEVSEL until a target responds. If no
target responds before timeout occurs, then the PCI4450 terminates the cycle with an
initiator abort.
FRAME
V20
T18
I/O
PCI cycle frame. FRAME is driven by the initiator of a bus cycle. FRAME is asserted to
indicate that a bus transaction is beginning, and data transfers continue while this signal
is asserted. When FRAME is deasserted, the PCI bus transaction is in the final data phase.
GNT
K20
K14
I
PCI bus grant. GNT is driven by the PCI bus arbiter to grant the PCI4450 access to the PCI
bus after the current data transaction has completed. GNT may or may not follow a PCI
bus request, depending on the PCI bus parking algorithm.
LOCK
(MFUNC7)
P20
N19
I/O
PCI bus lock. MFUNC7/LOCK can be configured as PCI LOCK and used to gain exclusive
access downstream. Since this functionality is not typically used, other functions may be
accessed through this terminal. MFUNC7/LOCK defaults to and can be configured
through the multifunction routing status register.
IDSEL/MFUNC7
P20
N19
I
Initialization device select. IDSEL selects the PCI4450 during configuration space
accesses. IDSEL can be connected to one of the upper 24 PCI address lines on the PCI
bus. If the LATCH terminal (W12/W11) has an external pulldown resistor, then this
terminal is configurable as MFUNC7 and IDSEL defaults to the AD23 terminal.
IRDY
T17
T19
I/O
PCIinitiator ready. IRDY indicates the PCI bus initiator’s ability to complete the current data
phase of the transaction. A data phase is completed on a rising edge of PCLK where both
IRDY and TRDY are asserted. Until IRDY and TRDY are both sampled asserted, wait
states are inserted.
PERR
W20
V18
I/O
PCI parity error indicator. PERR is driven by a PCI device to indicate that calculated parity
does not match PAR when PERR is enabled through bit 6 of the command register.
REQ
L20
L14
O
PCI bus request. REQ is asserted by the PCI4450 to request access to the PCI bus as an
initiator.
SERR
Y20
W18
O
PCI system error. SERR is an output that is pulsed from the PCI4450 when enabled through
the command register, indicating a system error has occurred. The PCI4450 need not be
the target of the PCI cycle to assert this signal. When SERR is enabled in the bridge control
register, this signal also pulses, indicating that an address parity error has occurred on a
CardBus interface.
STOP
V19
V19
I/O
PCI cycle stop signal. STOP is driven by a PCI target to request the initiator to stop the
current PCI bus transaction. STOP is used for target disconnects and is commonly
asserted by target devices that do not support burst data transfers.
TRDY
U18
U18
I/O
PCI target ready. TRDY indicates the primary bus target’s ability to complete the current
data phase of the transaction. A data phase is completed on a rising edge of PCLK when
both IRDY and TRDY are asserted. Until both IRDY and TRDY are asserted, wait states
are inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More