| Moteur de recherche de fiches techniques de composants électroniques |
|
TS80C52X2-VCAB Fiches technique(PDF) 26 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
TS80C52X2-VCAB Fiches technique(HTML) 26 Page - TEMIC Semiconductors |
|
26 / 54 page ![]() 26 Rev. B - Jan. 25, 1999 Preliminary TS80C52X2 Table 12. IP Register IP - Interrupt Priority Register (B8h) Reset Value = XX00 0000b Bit addressable 7 6 5 4 3 2 1 0 - - PT2 PS PT1 PX1 PT0 PX0 Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 - Reserved The value read from this bit is indeterminate. Do not set this bit. 5 PT2 Timer 2 overflow interrupt Priority bit Refer to PT2H for priority level. 4 PS Serial port Priority bit Refer to PSH for priority level. 3 PT1 Timer 1 overflow interrupt Priority bit Refer to PT1H for priority level. 2 PX1 External interrupt 1 Priority bit Refer to PX1H for priority level. 1 PT0 Timer 0 overflow interrupt Priority bit Refer to PT0H for priority level. 0 PX0 External interrupt 0 Priority bit Refer to PX0H for priority level. |