| Moteur de recherche de fiches techniques de composants électroniques |
|
TS80C52X2-VCAB Fiches technique(PDF) 10 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
TS80C52X2-VCAB Fiches technique(HTML) 10 Page - TEMIC Semiconductors |
|
10 / 54 page ![]() 10 Rev. B - Jan. 25, 1999 Preliminary TS80C52X2 6.2 Dual Data Pointer Register Ddptr The additional data pointer can be used to speed up code execution and reduce code size in a number of ways. The dual DPTR structure is a way by which the chip will specify the address of an external data memory location. There are two 16-bit DPTR registers that address the external memory, and a single bit called DPS = AUXR1/bit0 (See Table 5.) that allows the program code to switch between them (Refer to Figure 3). Figure 3. Use of Dual Pointer External Data Memory AUXR1(A2H) DPS DPH(83H) DPL(82H) 0 7 DPTR0 DPTR1 |