Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896 Fiches technique(PDF) 175 Page - Actel Corporation

No de pièce AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Fiches technique(HTML) 175 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 171Page - Actel Corporation AX2000-1CS896 Datasheet HTML 172Page - Actel Corporation AX2000-1CS896 Datasheet HTML 173Page - Actel Corporation AX2000-1CS896 Datasheet HTML 174Page - Actel Corporation AX2000-1CS896 Datasheet HTML 175Page - Actel Corporation AX2000-1CS896 Datasheet HTML 176Page - Actel Corporation AX2000-1CS896 Datasheet HTML 177Page - Actel Corporation AX2000-1CS896 Datasheet HTML 178Page - Actel Corporation AX2000-1CS896 Datasheet HTML 179Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-69
IO57PB1F5
G21
IO58NB1F5
E22
IO58PB1F5
E21
IO59NB1F5
D22
IO59PB1F5
C22
IO60NB1F5
B23
IO60PB1F5
A23
IO61NB1F5
H22
IO61PB1F5
H21
IO62NB1F5
C24
IO62PB1F5
C23
IO63NB1F5
F23
IO63PB1F5
F22
IO64NB1F6
B24
IO64PB1F6
A24
IO65NB1F6
J22
IO65PB1F6
K22
IO66NB1F6
B25
IO66PB1F6
A25
IO67NB1F6
K23
IO67PB1F6
J23
IO68NB1F6
F24
IO68PB1F6
E24
IO69NB1F6
C27
IO69PB1F6
C26
IO70NB1F6
H24
IO70PB1F6
G24
IO71NB1F6
H23
IO71PB1F6
G23
IO72NB1F6
B28
IO72PB1F6
A28
IO73NB1F6
E26
IO73PB1F6
E25
IO74NB1F6
F26
IO74PB1F6
F25
IO75NB1F6
K25
IO75PB1F6
K24
IO76NB1F7
D27
IO76PB1F7
D26
1152-Pin FBGA
AX2000 Function
Pin Number
IO77NB1F7
B29
IO77PB1F7
A29
IO78NB1F7
D28
IO78PB1F7
C28
IO79NB1F7
H25
IO79PB1F7
G25
IO80NB1F7
F27
IO80PB1F7
E27
IO81NB1F7
J25
IO81PB1F7
J24
IO82NB1F7
D29
IO82PB1F7
C29
IO83NB1F7
H26
IO83PB1F7
G26
IO84NB1F7
F28
IO84PB1F7
E28
IO85NB1F7
H27
IO85PB1F7
G27
Bank 2
IO86NB2F8
J28
IO86PB2F8
J27
IO87NB2F8
M25
IO87PB2F8
L25
IO88NB2F8
L26
IO88PB2F8
K26
IO89NB2F8
G31
IO89PB2F8
F31
IO90NB2F8
H29
IO90PB2F8
G29
IO91NB2F8
K28
IO91PB2F8
K27
IO92NB2F8
J30
IO92PB2F8
H30
IO93NB2F8
L28
IO93PB2F8
L27
IO94NB2F8
K29
IO94PB2F8
J29
IO95NB2F8
K31
IO95PB2F8
J31
1152-Pin FBGA
AX2000 Function
Pin Number
IO96NB2F9
J32
IO96PB2F9
H32
IO97NB2F9
M27
IO97PB2F9
M26
IO98NB2F9
L30
IO98PB2F9
K30
IO99NB2F9
N25
IO99PB2F9
N26
IO100NB2F9
M29
IO100PB2F9
L29
IO101NB2F9
L33
IO101PB2F9
L32
IO102NB2F9
K34
IO102PB2F9
K33
IO103NB2F9
N28
IO103PB2F9
M28
IO104NB2F9
M34
IO104PB2F9
L34
IO105NB2F9
P27
IO105PB2F9
N27
IO106NB2F9
M32
IO106PB2F9
M31
IO107NB2F10
P25
IO107PB2F10
P26
IO108NB2F10
N33
IO108PB2F10
M33
IO109NB2F10
P29
IO109PB2F10
N29
IO110NB2F10
P30
IO110PB2F10
N30
IO111NB2F10
R24
IO111PB2F10
R25
IO112NB2F10
P31
IO112PB2F10
N31
IO113NB2F10
R28
IO113PB2F10
P28
IO114NB2F10
P32
IO114PB2F10
N32
IO115NB2F10
R30
1152-Pin FBGA
AX2000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More