| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000-1CS896 Fiches technique(PDF) 171 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 Fiches technique(HTML) 171 Page - Actel Corporation |
|
171 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-65 GND U16 GND U17 GND U18 GND U19 GND V1 GND V12 GND V13 GND V14 GND V15 GND V16 GND V17 GND V18 GND V19 GND V30 GND W12 GND W13 GND W14 GND W15 GND W16 GND W17 GND W18 GND W19 GND Y11 GND Y20 GND/LP E4 PRA G15 PRB D16 PRC AB16 PRD AF16 TCK G7 TDI D5 TDO J8 TMS F6 TRST C4 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCA AD6 VCCA AH26 VCCA E28 VCCA E3 VCCA L12 VCCA L13 VCCA L14 VCCA L15 VCCA L16 VCCA L17 VCCA L18 VCCA L19 VCCA M11 VCCA M20 VCCA N11 VCCA N20 VCCA P11 VCCA P20 VCCA R11 VCCA R20 VCCA T11 VCCA T20 VCCA U11 VCCA U20 VCCA V11 VCCA V20 VCCA W11 VCCA W20 VCCA Y12 VCCA Y13 VCCA Y14 VCCA Y15 VCCA Y16 VCCA Y17 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCA Y18 VCCA Y19 VCCDA AD24 VCCDA AD7 VCCDA AE15 VCCDA AE16 VCCDA AF12 VCCDA AF13 VCCDA AF15 VCCDA AF18 VCCDA AF19 VCCDA AH27 VCCDA AH4 VCCDA C13 VCCDA C27 VCCDA C5 VCCDA D13 VCCDA D19 VCCDA D3 VCCDA E18 VCCDA F15 VCCDA F16 VCCDA F26 VCCDA G16 VCCDA T25 VCCDA T4 VCCIB0 A3 VCCIB0 B3 VCCIB0 J10 VCCIB0 J11 VCCIB0 J12 VCCIB0 K11 VCCIB0 K12 VCCIB0 K13 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |