Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896 Fiches technique(PDF) 179 Page - Actel Corporation

No de pièce AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Fiches technique(HTML) 179 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 175Page - Actel Corporation AX2000-1CS896 Datasheet HTML 176Page - Actel Corporation AX2000-1CS896 Datasheet HTML 177Page - Actel Corporation AX2000-1CS896 Datasheet HTML 178Page - Actel Corporation AX2000-1CS896 Datasheet HTML 179Page - Actel Corporation AX2000-1CS896 Datasheet HTML 180Page - Actel Corporation AX2000-1CS896 Datasheet HTML 181Page - Actel Corporation AX2000-1CS896 Datasheet HTML 182Page - Actel Corporation AX2000-1CS896 Datasheet HTML 183Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-73
IO289NB6F27
AA1
IO289PB6F27
AA2
IO290NB6F27
W6
IO290PB6F27
Y6
IO291NB6F27
W5
IO291PB6F27
Y5
IO292NB6F27
V7
IO292PB6F27
W7
IO293NB6F27
W4
IO293PB6F27
Y4
IO294NB6F27
V10
IO294PB6F27
V11
IO295NB6F27
Y1
IO295PB6F27
Y2
IO296NB6F27
W1
IO296PB6F27
W2
IO297NB6F27
V1
IO297PB6F27
V2
IO298NB6F27
V9
IO298PB6F27
V8
IO299NB6F27
U4
IO299PB6F27
V4
Bank 7
IO300NB7F28
U10
IO300PB7F28
U11
IO301NB7F28
U2
IO301PB7F28
U1
IO302NB7F28
U6
IO302PB7F28
U7
IO303NB7F28
T3
IO303PB7F28
U3
IO304NB7F28
U9
IO304PB7F28
U8
IO305NB7F28
R2
IO305PB7F28
R1
IO306NB7F28
R4
IO306PB7F28
T4
IO307NB7F28
R5
IO307PB7F28
T5
1152-Pin FBGA
AX2000 Function
Pin Number
IO308NB7F28
T11
IO308PB7F28
T10
IO309NB7F28
T6
IO309PB7F28
T7
IO310NB7F29
T9
IO310PB7F29
T8
IO311NB7F29
N3
IO311PB7F29
P3
IO312NB7F29
P7
IO312PB7F29
R7
IO313NB7F29
P6
IO313PB7F29
R6
IO314NB7F29
M2
IO314PB7F29
N2
IO315NB7F29
N4
IO315PB7F29
P4
IO316NB7F29
R9
IO316PB7F29
R8
IO317NB7F29
N5
IO317PB7F29
P5
IO318NB7F29
R10
IO318PB7F29
R11
IO319NB7F29
L2
IO319PB7F29
L1
IO320NB7F29
N8
IO320PB7F29
P8
IO321NB7F30
M6
IO321PB7F30
N6
IO322NB7F30
P10
IO322PB7F30
P9
IO323NB7F30
L3
IO323PB7F30
M3
IO324NB7F30
M7
IO324PB7F30
N7
IO325NB7F30
K2
IO325PB7F30
K1
IO326NB7F30
G2
IO326PB7F30
H2
IO327NB7F30
L6
1152-Pin FBGA
AX2000 Function
Pin Number
IO327PB7F30
L5
IO328NB7F30
N10
IO328PB7F30
N9
IO329NB7F30
J4
IO329PB7F30
K4
IO330NB7F30
J5
IO330PB7F30
K5
IO331NB7F30
M10
IO331PB7F30
M9
IO332NB7F31
L8
IO332PB7F31
M8
IO333NB7F31
F2
IO333PB7F31
F1
IO334NB7F31
J6
IO334PB7F31
K6
IO335NB7F31
H4
IO335PB7F31
H3
IO336NB7F31
K7
IO336PB7F31
L7
IO337NB7F31
G4
IO337PB7F31
G3
IO338NB7F31
K9
IO338PB7F31
L9
IO339NB7F31
H6
IO339PB7F31
H5
IO340NB7F31
H7
IO340PB7F31
J7
IO341NB7F31
J8
IO341PB7F31
K8
Dedicated I/O
GND
A13
GND
A2
GND
A22
GND
A27
GND
A3
GND
A31
GND
A32
GND
A33
GND
A4
1152-Pin FBGA
AX2000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More