Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COREAPB Fiches technique(PDF) 3 Page - Actel Corporation

No de pièce COREAPB
Description  CoreAPB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAPB Fiches technique(HTML) 3 Page - Actel Corporation

  COREAPB Datasheet HTML 1Page - Actel Corporation COREAPB Datasheet HTML 2Page - Actel Corporation COREAPB Datasheet HTML 3Page - Actel Corporation COREAPB Datasheet HTML 4Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CoreAPB
v2.1
3
List of Changes
The following table lists critical changes that were made in the current version of the document.
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully
characterized. Datasheets are designated as "Product Brief," "Advanced," and "Production." The definitions of these
categories are as follows:
Product Brief
The product brief is a summarized version of an advanced or production datasheet containing general product
information. This brief summarizes specific device and family information for unreleased products.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed
grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
Previous Version Changes in Current Version (v 2 .1 )
Page
v2.0
The "Supported Device Families" section was updated to include ProASIC3L.
1
The "Resource Requirements" section was updated to change ProASIC3E to ProASIC3.
2
Advanced v0.1
The "Product Summary" section was updated to include Cortex-M1 and IGLOO/e information.
1



Html Pages

1 2 3 4