| Moteur de recherche de fiches techniques de composants électroniques |
|
COREAPB Fiches technique(PDF) 2 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
COREAPB Fiches technique(HTML) 2 Page - Actel Corporation |
|
2 / 4 page ![]() CoreAPB 2 v2.1 Connecting CoreAPB in CoreConsole Table 1 lists the ports present on the APB bus and describes how to connect these in CoreConsole. Resource Requirements The utilization for CoreAPB in a ProASIC3 device is 125 tiles. Ordering Information CoreAPB is included in the SysBASIC core bundle supplied with the Actel CoreConsole IP Deployment Platform (IDP). The obfuscated RTL version of SysBASIC (SysBASIC-OC) is available for free with CoreConsole. The source RTL version of SysBASIC (SysBASIC-RM) can be ordered through your local Actel sales representative. CoreAPB cannot be ordered separately from the SysBASIC core bundle. Table 1 • APB Bus Connections Connection CoreConsole Label Description Required Connections APB mirrored master interface APBmmaster This interface connects to the APBmaster interface of CoreAHB2APB. Optional Connections APBmslave0 APB mirrored Slave 0 interface APBmslave1 APB mirrored Slave 1 interface APBmslave2 APB mirrored Slave 2 interface APBmslave3 APB mirrored Slave 3 interface APBmslave4 APB mirrored Slave 4 interface APBmslave5 APB mirrored Slave 5 interface APBmslave6 APB mirrored Slave 6 interface APBmslave7 APB mirrored Slave 7 interface APBmslave8 APB mirrored Slave 8 interface APBmslave9 APB mirrored Slave 9 interface APBmslave10 APB mirrored Slave 10 interface APBmslave11 APB mirrored Slave 11 interface APBmslave12 APB mirrored Slave 12 interface APBmslave13 APB mirrored Slave 13 interface APBmslave14 APB mirrored Slave 14 interface APBmslave15 APB mirrored Slave 15 interface |