Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XIO2000AI Fiches technique(PDF) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

No de pièce XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Site Internet  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

XIO2000AI Fiches technique(HTML) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button XIO2000AI Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 159 page
background image
Introduction
16
April 2007 Revised October 2008
SCPS155C
Table 2−4. XIO2000A/XIO2000AI Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
SIGNAL NAME
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
VSS
G09
VSS
K11
VSS
G10
VSS
L07
VSS
G11
VSS
L08
VSS
H07
VSS
L09
VSS
H08
VSS
L10
VSS
H09
VSS
L11
VSS
H10
VSSA
B17
A14
B14
VSS
H11
VSSA
E15
E12
D12
VSS
J07
VSSA
F15
F11
E12
VSS
J08
VSSA
F16
F12
F11
VSS
J09
VSSA
G14
G11
G11
VSS
J10
VSSA
G16
G12
G12
VSS
J11
VSSA
H15
K11
K11
VSS
K07
VSSA
J16
L11
P13
VSS
K08
VSSA
L15
VSS
K09
WAKE
M16
L14
K14
VSS
K10
2.8
Terminal Descriptions
Table 2−5 through Table 2−12 give a description of the terminals. These terminals are grouped in tables by
functionality. Each table includes the terminal name, terminal number, I/O type, and terminal description.
The following list describes the different input/output cell types that appear in the terminal description tables:
•
HS DIFF IN = High speed differential input.
•
HS DIFF OUT = High speed differential output.
•
PCI BUS = PCI bus 3-state bidirectional buffer with 3.3-V or 5.0-V clamp rail.
•
LV CMOS = 3.3-V low voltage CMOS input or output with 3.3-V clamp rail.
•
BIAS = Input/output terminals that generate a bias voltage to determine a driver’s operating current.
•
Feed through = these terminals connect directly to macros within the part and not through an input or
output cell.
•
PWR = Power terminal
•
GND = Ground terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More