Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XIO2000AI Fiches technique(PDF) 19 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

No de pièce XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Site Internet  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

XIO2000AI Fiches technique(HTML) 19 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button XIO2000AI Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 159 page
background image
Introduction
9
April 2007 Revised October 2008
SCPS155C
Table 2−2. ZHH Terminals Sorted Alphanumerically
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
A02
AD11
D04
VDD_33
H02
AD21
A03
AD9
D05
VDD_33
H03
AD20
A04
VCCP
D06
AD1
H04
AD22
A05
AD5
D07
CLKOUT0
H06
VSS
A06
AD2
D08
VDD_15
H07
VSS
A07
AD0
D09
VDD_33
H08
VSS
A08
REQ1
D10
CLKOUT3
H09
VSS
A09
CLKOUT2
D11
GNT4
H11
VDDA_15
A10
REQ3
D12
VSSA
H12
PERST
A11
REQ4
D13
RSVD
H13
VDDA_15
A12
REQ5
D14
RSVD
H14
VDD_33_COMB
A13
CLKOUT6
E01
TRDY
J01
AD23
A14
REFCLK_SEL
E02
DEVSEL
J02
C/BE[3]
B01
AD13
E03
STOP
J03
AD24
B02
AD12
E04
IRDY
J04
AD25
B03
AD10
E11
VDDA_15
J06
VDD_33
B04
C/BE[0]
E12
VSSA
J07
VDD_33
B05
AD6
E13
RXN
J08
VSS
B06
AD4
E14
RXP
J09
VSS
B07
REQ0
F01
FRAME
J11
VDDA_33
B08
CLKOUT1
F02
C/BE[2]
J12
VDD_33_AUX
B09
GNT2
F03
AD16
J13
REF1_PCIE
B10
CLKOUT4
F04
VDD_33
J14
REF0_PCIE
B11
CLKOUT5
F06
VSS
K01
AD26
B12
EXT_ARB_EN
F07
VSS
K02
AD27
B13
CLKRUN_EN
F08
VSS
K03
AD28
B14
VSSA
F09
VDD_33
K04
VDD_33
C01
C/BE[1]
F11
VSSA
K11
VSSA
C02
AD15
F12
VDDA_15
K12
VDD_33_COMBIO
C03
AD14
F13
VSS
K13
VDD_15_COMB
C04
AD8
F14
VDD_15
K14
WAKE
C05
AD7
G01
VCCP
L01
AD31
C06
AD3
G02
AD17
L02
AD30
C07
GNT0
G03
AD18
L03
CLK
C08
GNT1
G04
VDD_15
L04
AD29
C09
REQ2
G06
VSS
L05
VDD_15
C10
GNT3
G07
VSS
L06
GPIO7
C11
GNT5
G08
VSS
L07
RSVD
C12
VDDA_33
G09
VSS
L08
VDD_33
C13
REFCLK+
G11
VSSA
L09
VSS
C14
REFCLK−
G12
VSSA
L10
RSVD
D01
SERR
G13
TXN
L11
VSS
D02
PAR
G14
TXP
L12
PME
D03
PERR
H01
AD19
L13
GRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More