Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M310 Fiches technique(PDF) 7 Page - MTRONPTI

No de pièce M310
Description  5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MTRONPTI [MTRONPTI]
Site Internet  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M310 Fiches technique(HTML) 7 Page - MTRONPTI

  M310 Datasheet HTML 1Page - MTRONPTI M310 Datasheet HTML 2Page - MTRONPTI M310 Datasheet HTML 3Page - MTRONPTI M310 Datasheet HTML 4Page - MTRONPTI M310 Datasheet HTML 5Page - MTRONPTI M310 Datasheet HTML 6Page - MTRONPTI M310 Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
7
For custom products or additional specifications contact our sales team at
800.762.8800 (toll free) or 605.665.9321
For more information on this product visit the MtronPTI website at
www.mtronpti.com
Typical Test Circuit & Load Circuit Diagrams
Maximum Soldering Conditions
Solder Conditions
Note: Exceeding these limits may damage the device.
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt,
LVPECL/LVDS/CML, VCXO



Html Pages

1 2 3 4 5 6 7