| Moteur de recherche de fiches techniques de composants électroniques |
|
M310 Fiches technique(PDF) 6 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
M310 Fiches technique(HTML) 6 Page - MTRONPTI |
|
6 / 7 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. 6 Date Revision PCN Number Details of Revision 7/20/07 A 10118 IC Revision to improve phase noise and electrical performance Tape & Reel Specifications Standard Tape and Reel: 500 parts per reel Product Revision Table M320x Series 9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO (all measurements are in mm) A B C D E F G H I J L P Q R S T M320x 10.00 14.20 1.50 11.50 4.85 4.00 16.00 2.00 1.75 24.00 0.35 100.00 330.00 20.20 13.00 2.00 |