Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F75384M Fiches technique(PDF) 21 Page - Feature Integration Technology Inc.

No de pièce F75384M
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINTEK [Feature Integration Technology Inc.]
Site Internet  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75384M Fiches technique(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75384M Datasheet HTML 13Page - Feature Integration Technology Inc. F75384M Datasheet HTML 14Page - Feature Integration Technology Inc. F75384M Datasheet HTML 15Page - Feature Integration Technology Inc. F75384M Datasheet HTML 16Page - Feature Integration Technology Inc. F75384M Datasheet HTML 17Page - Feature Integration Technology Inc. F75384M Datasheet HTML 18Page - Feature Integration Technology Inc. F75384M Datasheet HTML 19Page - Feature Integration Technology Inc. F75384M Datasheet HTML 20Page - Feature Integration Technology Inc. F75384M Datasheet HTML 21Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
July, 2007
V0.32P
-17-
10 Application Circuit
Title
Size
Document Number
Rev
Date:
Sheet
of
F75383M Application Circuit
0.1
Feature Integration Technology Inc.
A
11
Tuesday , January 27, 2004
TEMPERATURE MONITOR (CPU THERMAL DIODE)
D+
D+
D+
D+
D+
D+
D-
D-
D-
D-
D-
D-
C1
2200pF
THERDA
THERDC
D+
D+
D+
D-
D-
D-
D+
D+
D+
D+
D+
D+
TEMPERATURE MONITOR (2N3906)
D-
D-
D-
D-
D-
D-
C3
2200pF
D+
D+
D+
D+
D+
D+
D-
D-
D-
D-
D-
D-
Q1
2N3906
D+
2
VCC
1
D-
3
THERM#
4
SCL
8
ALERT#
6
SDA
7
GND
5
U1
F75383M
SCLK
SDATA
R2
4.7K
R1
4.7K
R4
4.7K
R3
4.7K
D+
D-
VCC3V
C2
0.1u
Example 1:
Example 2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com