Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F75384M Fiches technique(PDF) 2 Page - Feature Integration Technology Inc.

No de pièce F75384M
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINTEK [Feature Integration Technology Inc.]
Site Internet  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75384M Fiches technique(HTML) 2 Page - Feature Integration Technology Inc.

  F75384M Datasheet HTML 1Page - Feature Integration Technology Inc. F75384M Datasheet HTML 2Page - Feature Integration Technology Inc. F75384M Datasheet HTML 3Page - Feature Integration Technology Inc. F75384M Datasheet HTML 4Page - Feature Integration Technology Inc. F75384M Datasheet HTML 5Page - Feature Integration Technology Inc. F75384M Datasheet HTML 6Page - Feature Integration Technology Inc. F75384M Datasheet HTML 7Page - Feature Integration Technology Inc. F75384M Datasheet HTML 8Page - Feature Integration Technology Inc. F75384M Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
F75383/F75384
F75383/F75384
July, 2007
V0.32P
-I-
F75383/F75384 Datasheet Revision History
Version
Date
Page
Revision History
0.21P
Mar.,2004
Original version (Confidential)
0.22P
Mar.,2004
Revised version ID/vendor ID, AC/DC spec.
0.23P
Mar.,2004
Add 8-SOP(F75383) package supporting
0.24P
Mar.,2004
1-2
Add additional description of 8-SOP(F75383S)/8-MSOP(F75383M)
0.25P
Apr.,2004
8,13
Add PCB Layout guide and update DC specification
0.26P
Jul.,2004
Add F75384 description
0.27P
Sep.,2004
6
12
Revise(1)High Byte of 1°C value (0000 0001)
(2) Read address (high byte) of VT2 low limit (08h (00h) )
0.28P
Jan.,2005
15
Revise serial bus timing
0.29P
Aug.,2005
4
Modify alert response address
0.30P
Dec.,2005
Revise typo and updated patent no.
0.31P
Dec.,2006
1
Add Patent Note
-
Revise typo ( VDD
VCC)
0.32P
July,2007
-
Company readdress
Please note that all data and specifications are subject to change without notice. All the trade marks of products and
companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting from
such improper use or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com