| Moteur de recherche de fiches techniques de composants électroniques |
|
FMP3217BA2 Fiches technique(PDF) 3 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
FMP3217BA2 Fiches technique(HTML) 3 Page - FIDELIX |
|
3 / 12 page ![]() FMP3217BAx CMOS LPRAM Revision 0.3 Feb. 2007 3 PRODUCT LIST 48-FBGA, 60ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V) 48-FBGA, 70ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V) FMP3217BAx-H60E FMP3217BAx-H70E Function Part Name ABSOLUTE MAXIMUM RATINGS1) ’C -65 to 150 TSTG Storage temperature W 1.0 PD Power Dissipation V -0.2 to 3.6 Vcc Voltage on Vcc supply relative to Vss V -0.2 to Vcc+0.3V VIN, VOUT Voltage on any pin relative to Vss Unit Ratings Symbol Item 1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability. RECOMMENDED DC OPERATING CONDITIONS -0.22) 0.8VCCQ 0 2.7 2.7 Min FMP3217BA 0.2VCCQ VCC+0.21) 0 3.3 3.3 Max -0.22) 0.8VCCQ 0 2.25 2.7 Min 0.2VCCQ VCC+0.21) 0 2.75 3.3 Max 1.95 V 3.3 2.7 VCC Supply voltage 0.2VCCQ VCC+0.21) 0 Max V -0.22) VIL Input low voltage V 0.8VCCQ VIH Input high voltage V 0 VSS Ground V 1.65 VCCQ I/O operating voltage (VCCQ ≤ VCC) Unit Min Symbol Item Note : 1. Overshoot : Vcc+1.0V in case of pulse width≤20ns. 2. Undershoot : -1.0V in case of pulse width≤20ns. 3. Overshoot and undershoot are sampled, not 100% tested. FUNCTIONAL DESCRIPTION Direct DPD2) Deselected High-Z High-Z X1) X1) X1) X1) L X1) Active Word Write Din Din L L Active Upper Byte Write Din High-Z L H Active Lower Byte Write High-Z Din H L L X1) Active Word Read Dout Dout L L Active Upper Byte Read Dout High-Z L H Active Lower Byte Read High-Z Dout H L H L H L Active Output Disabled High-Z High-Z L X1) H H H Active Output Disabled High-Z High-Z X1) L H H H L Standby Deselected High-Z High-Z H H X1) X1) H X1) Low Power Modes3) Deselected High-Z High-Z X1) X1) X1) X1) L H Standby Deselected High-Z High-Z X1) X1) X1) X1) H H Power Mode I/O9-16 I/O1-8 /UB /LB /WE /OE /ZZ /CS 1. X means don’t care.(Must be low or high state) 2. In case of FMP3217BA2 & FMP3217BA5 product 3. In case of FMP3217BA1 & FMP3217BA4 product 1. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER 2. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C) |