| Moteur de recherche de fiches techniques de composants électroniques |
|
FMP3217BA2 Fiches technique(PDF) 4 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
FMP3217BA2 Fiches technique(HTML) 4 Page - FIDELIX |
|
4 / 12 page ![]() FMP3217BAx CMOS LPRAM Revision 0.3 Feb. 2007 4 DC AND OPERATING CHARACTERISTICS 1. Capacitance is sampled, not 100% tested. CAPACITANCE1) (f=1MHz , T A=25’C) 8 8 Max - - Min pF VIO=0V CIO Input/Output capacitance pF VIN=0V CIN Input capacitance Unit Test Condition Symbol Item uA 10 - - /ZZ≤0.2V, Other inputs=0~VCC, No refresh(DPD) ISB0 Low Power Modes uA 90 - - /ZZ≤0.2V, Other inputs=0~VCC, ¼ refresh area selection ISB0a uA 100 - - /ZZ≤0.2V, Other inputs=0~VCC, ½ refresh area selection ISB0b uA 120 - - /CS≥VCC-0.2V, /ZZ≥VCC-0.2V, Other inputs=0~VCC ISB1 Standby Current(CMOS) uA 1 - -1 /CS=VIH, /ZZ=VIH, /OE=VIH or /WE=VIL, VIO=VSS to VCC ILO Output leakage current uA 1 - -1 VIN=VSS to VCC ILI Input leakage current mA 3 - - Cycle time=1us, 100%duty, IIO=0mA, /CS≤0.2V, /ZZ=VIH, VIN≤0.2V or VIN≥VCC-0.2V ICC1 Average operating current V 0.2VCCQ IOL=0.5mA VOL Output low voltage mA 20 - - Cycle time=Min, IIO=0mA, 100% duty, /CS=VIL, /ZZ=VIH, VIN=VIL or VIH ICC2 V 0.8VCCQ IOH=-0.5mA VOH Output high voltage 120 0.3 Max - - Typ - - Min uA /ZZ≤0.2V, Other inputs=0~VCC, All refresh area selection ISB0c mA /CS=VIH, /ZZ=VIH, Other inputs=VIH or VIL ISB Standby Current(TTL) Unit Test Conditions Symbol Item -10℃ to +60℃ Special FMP3217BAx-XxxS 0℃ to +70℃ Commercial FMP3217BAx-XxxC -25℃ to +85℃ Extended FMP3217BAx-XxxE 1.65V to Vcc 2.7V to 3.3V -40℃ to +85℃ Industrial FMP3217BAx-XxxI VDDQ VDD Ambient Temperature Range Device Operating Range |