Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2012IPWR Fiches technique(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2012IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPWR Fiches technique(HTML) 56 Page - Texas Instruments

Back Button MSP430F2012IPWR Datasheet HTML 52Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 53Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 54Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 55Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 56Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 57Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 58Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 59Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Port P2 (P2.6) pin schematics, MSP430x20x1
Bus
Keeper
EN
Direction
0: Input
1: Output
P2SEL.6
1
0
P2DIR.6
P2IN.6
P2IRQ.6
D
EN
Module X IN
1
0
Module X OUT
P2OUT.6
Interrupt
Edge
Select
Q
EN
Set
P2SEL.6
P2IES.6
P2IFG.6
P2IE.6
P2.6/XIN/TA1
1
0
DVSS
DVCC
P2REN.6
Pad Logic
LFXT1 Oscillator
BCSCTL3.LFXT1Sx = 11
P2.7/XOUT
LFXT1 off
0
1
1
LFXT1CLK
P2SEL.7
Port P2 (P2.6) pin functions, MSP430x20x1
PIN NAME (P2 X)
X
FUNCTION
CONTROL BITS / SIGNALS
PIN NAME (P2.X)
X
FUNCTION
P2DIR.x
P2SEL.x
P2.6/XIN/TA1
6 P2.6 Input/Output
0/1
0
/
/
XIN† (see Note 3)
0
1
Timer_A2.TA1
1
1
† Default after reset (PUC/POR)
NOTES: 1. N/A: Not available or not applicable.
2. X: Don’t care.
3. XIN is used as digital clock input if the bits LFXT1Sx in register BCSCTL3 are set to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88