| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2012IPWR Fiches technique(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2012IPWR Fiches technique(HTML) 53 Page - Texas Instruments |
|
53 / 88 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007 53 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Port P1 (P1.4 to P1.7) pin functions, MSP430x20x1 PIN NAME (P1 X) X FUNCTION CONTROL BITS / SIGNALS PIN NAME (P1.X) X FUNCTION P1DIR.x P1SEL.x CAPD.x JTAG Mode P1.4/SMCLK/CA4/ 4 P1.4† Input/Output 0/1 0 0 0 / / / TCK N/A 0 1 0 0 SMCLK 1 1 0 0 CA4(seeNote3) X X 1 0 TCK(seeNote4) X X X 1 P1.5/TA0/CA5/ 5 P1.5† Input/Output 0/1 0 0 0 / / / TMS N/A 0 1 0 0 Timer_A2.TA0 1 1 0 0 CA5(seeNote3) X X 1 0 TMS(seeNote4) X X X 1 P1.6/TA1/CA6/ 6 P1.6† Input/Output 0/1 0 0 0 / / / TDI N/A 0 1 0 0 Timer_A2.TA1 1 1 0 0 CA6(seeNote3) X X 1 0 TDI(seeNote4) X X X 1 P1.7/CAOUT/CA7/ 7 P1.7† Input/Output 0/1 0 0 0 / / / TDO/TDI N/A 0 1 0 0 CAOUT 1 1 0 0 CA7(seeNote3) X X 1 0 TDO/TDI (see Notes 4, 5) X X X 1 † Default after reset (PUC/POR) NOTES: 1. N/A: Not available or not applicable. 2. X: Don’t care. 3. Setting the CAPD.x bit disables the output driver as well as the input schmitt trigger to prevent parasitic cross currents when applying analog signals. Selecting the CAx input pin to the comparator multiplexer with the P2CAx bits automatically disables the input buffer for that pin, regardless of the state of the associated CAPD.x bit. 4. In JTAG mode the internal pull-up/down resistors are disabled. 5. Function controlled by JTAG |