Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT88SC0104C Fiches technique(PDF) 42 Page - ATMEL Corporation

No de pièce AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Fiches technique(HTML) 42 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 38Page - ATMEL Corporation AT88SC0104C Datasheet HTML 39Page - ATMEL Corporation AT88SC0104C Datasheet HTML 40Page - ATMEL Corporation AT88SC0104C Datasheet HTML 41Page - ATMEL Corporation AT88SC0104C Datasheet HTML 42Page - ATMEL Corporation AT88SC0104C Datasheet HTML 43Page - ATMEL Corporation AT88SC0104C Datasheet HTML 44Page - ATMEL Corporation AT88SC0104C Datasheet HTML 45Page - ATMEL Corporation AT88SC0104C Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
39
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.4.2
Example : Write EEPROM command
The following illustrates the data exchanges that occur during a write operation of 4 bytes : $04,
$09, $19, $97 to addresses $02, $03, $04, $05 in the current user zone.
Table 8-4.
Host
Device
Val
Note
Start
CLA
**
Class (ignored by CryptoMemory)
INS
$B0
Write instruction
P1
**
Address Byte A1 (ignored by 0104C-1616C)
P2
$02
Address Byte A2=$02
P3
$04
4 data bytes
INS
$B0
Device responds with INS code
Data
$04
Byte to be written at start address $02
Data
$09
Byte to be written at address $03
Data
$19
Byte to be written at address $04
Data
$97
Byte to be written at address $05
Write Cycle
~5ms
SW1
$90
Write operation successful
Finish
SW2
$00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58