| Moteur de recherche de fiches techniques de composants électroniques |
|
AT88SC0104C Fiches technique(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C Fiches technique(HTML) 14 Page - ATMEL Corporation |
|
14 / 58 page ![]() 11 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C Figure 4-11. AT88SC0808C Configuration Memory $0 $1 $2 $3 $4 $5 $6 $7 $00 Answer To Reset Identification $08 Fab Code MTZ Card Manufacturer Code $10 Lot History Code Read Only $18 DCR Identification Number Nc Access Control $20 AR0 PR0 AR1 PR1 AR2 PR2 AR3 PR3 $28 AR4 PR4 AR5 PR5 AR6 PR6 AR7 PR7 $30 Reserved $38 $40 Issuer Code $48 $50 Reserved for Authentication and Encryption Cryptography $58 $60 $68 $70 $78 $80 $88 $90 Reserved for Authentication and Encryption Secret $98 $A0 $A8 $B0 PAC Write 0 PAC Read 0 Password $B8 PAC Write 1 PAC Read 1 $C0 PAC Write 2 PAC Read 2 $C8 PAC Write 3 PAC Read 3 $D0 PAC Write 4 PAC Read 4 $D8 PAC Write 5 PAC Read 5 $E0 PAC Write 6 PAC Read 6 $E8 PAC Write 7 PAC Read 7 $F0 Reserved Forbidden $F8 |