| Moteur de recherche de fiches techniques de composants électroniques |
|
9202 Fiches technique(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
9202 Fiches technique(HTML) 120 Page - STMicroelectronics |
|
120 / 175 page ![]() UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV 120/175 Figure 58. PLD Diagram Note: 1. Ports A is not available in the 52-pin package 8 INPUT MACROCELL & INPUT PORTS DIRECT MACROCELL INPUT TO MCU DATA BUS CSIOP SELECT SRAM SELECT SECONDARY NON-VOLATILE MEMORY SELECTS DECODE PLD PAGE REGISTER PERIPHERAL SELECTS CPLD PT ALLOC. MACROCELL ALLOC. MCELLAB MCELLBC DIRECT MACROCELL ACCESS FROM MCU DATA BUS 20 INPUT MACROCELL (PORT A,B,C) 16 OUTPUT MACROCELL PRIMARY FLASH MEMORY SELECTS 2 PORT D INPUTS TO PORT A OR B1 TO PORT B OR C DATA BUS 8 8 8 4 1 1 2 EXTERNAL CHIP SELECTS TO PORT D 2 16 20 OUTPUT MACROCELL FEEDBACK AI06600 73 73 |