Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9202 Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 66Page - STMicroelectronics 9202 Datasheet HTML 67Page - STMicroelectronics 9202 Datasheet HTML 68Page - STMicroelectronics 9202 Datasheet HTML 69Page - STMicroelectronics 9202 Datasheet HTML 70Page - STMicroelectronics 9202 Datasheet HTML 71Page - STMicroelectronics 9202 Datasheet HTML 72Page - STMicroelectronics 9202 Datasheet HTML 73Page - STMicroelectronics 9202 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
70/175
Figure 34. Serial Port Mode 3, Waveforms
AI06847
Write to SBUF
Data
Shift
TxD
TI
Rx Clock
RxD
Bit Detector
Sample Times
Shift
RI
S1P1
÷16 Reset
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
Send
Tx Clock
Start Bit
Stop Bit
TB8
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit
RB8
Stop Bit
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More