Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9202 Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 63Page - STMicroelectronics 9202 Datasheet HTML 64Page - STMicroelectronics 9202 Datasheet HTML 65Page - STMicroelectronics 9202 Datasheet HTML 66Page - STMicroelectronics 9202 Datasheet HTML 67Page - STMicroelectronics 9202 Datasheet HTML 68Page - STMicroelectronics 9202 Datasheet HTML 69Page - STMicroelectronics 9202 Datasheet HTML 70Page - STMicroelectronics 9202 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 175 page
background image
67/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Figure 28. Serial Port Mode 0, Waveforms
Figure 29. Serial Port Mode 1, Block Diagram
AI06825
Write to SBUF
Send
Shift
RxD (Data Out)
TxD (Shift Clock)
T
Write to SCON
RI
Receive
Shift
RxD (Data In)
TxD (Shift Clock)
S6P2
S3P1
S6P1
Clear RI
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
AI06826
Zero Detector
Internal Bus
Tx Control
Rx Control
Internal Bus
SBUF
Write
to
SBUF
Read
SBUF
Load
SBUF
SBUF
Input Shift Register
Shift
Serial
Port
Interrupt
Rx Clock
Start
Tx Clock
Start
Shift
Shift
Send
Load SBUF
TI
RI
CL
DS
Q
1FFh
TxD
Data
Rx Detector
RxD
1-to-0
Transition
Detector
÷16
Sample
÷16
÷2
TB8
Timer1
Overflow
Timer2
Overflow
0
01
1
01
TCLK
RCLK
SMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More