| Moteur de recherche de fiches techniques de composants électroniques |
|
EP910 Fiches technique(PDF) 35 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP910 Fiches technique(HTML) 35 Page - Altera Corporation |
|
35 / 42 page ![]() Altera Corporation 779 Classic EPLD Family Data Sheet Figure 16. EP1810 Block Diagram Pin numbers are for J-lead packages. Pin numbers in parentheses are for PGA packages. (K4) (L4) (K5) (L5) (L6) (K7) (L7) (K8) INPUT INPUT INPUT INPUT/CLK1 INPUT/CLK2 INPUT INPUT INPUT (B4) 56 (A5) 55 (B5) 54 (A6) 53 (A7) 51 (B7) 50 (A8) 49 (B8) 48 INPUT INPUT INPUT INPUT/CLK4 INPUT/CLK3 INPUT INPUT INPUT Quadrant A (F1) (G2) (G1) (H2) (H1) (J2) (J1) (K1) (K2) (L2) (K3) (L3) Macrocell 48 Macrocell 47 Macrocell 46 Macrocell 45 Macrocell 44 Macrocell 43 Macrocell 42 Macrocell 41 Macrocell 40 Macrocell 39 Macrocell 38 Macrocell 37 Quadrant D (E1) 68 (E2) 67 (D1) 66 (D2) 65 (C1) 64 (C2) 63 (B1) 62 (B2) 61 (A2) 60 (A3) 59 (B3) 58 (A4) 57 Macrocell 13 Macrocell 14 Macrocell 15 Macrocell 16 Macrocell 17 Macrocell 18 Macrocell 19 Macrocell 20 Macrocell 21 Macrocell 22 Macrocell 23 Macrocell 24 (L8) (K9) (L9) (L10) (K10) (K1 1) (J10) (J11) (H10) (H1 1) (G10) (G1 1) Macrocell 36 Macrocell 35 Macrocell 34 Macrocell 33 Macrocell 32 Macrocell 31 Macrocell 30 Macrocell 29 Macrocell 28 Macrocell 27 Macrocell 26 Macrocell 25 (A9) 47 (B9) 46 (A10) 45 (B10) 44 (B11) 43 (C11) 42 (C10) 41 (D11) 40 (D10) 39 (E11) 38 (E10) 37 (F11) 36 Quadrant B Quadrant C Global Macrocells Local Macrocells Macrocell 1 Macrocell 2 Macrocell 3 Macrocell 4 Macrocell 5 Macrocell 6 Macrocell 7 Macrocell 8 Macrocell 9 Macrocell 10 Macrocell 11 Macrocell 12 Global Bus 2 3 4 5 6 7 8 9 10 11 12 13 23 24 25 26 27 28 29 30 31 32 33 34 14 15 16 17 19 20 21 22 |