| Moteur de recherche de fiches techniques de composants électroniques |
|
EP910 Fiches technique(PDF) 3 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP910 Fiches technique(HTML) 3 Page - Altera Corporation |
|
3 / 42 page ![]() Altera Corporation 747 Classic EPLD Family Data Sheet f For more information, see the MAX+PLUS II Programmable Logic Development System & Software Data Sheet. Functional Description The Classic architecture includes the following elements: s Macrocells s Programmable registers s Output enable/clock select s Feedback select Macrocells Classic macrocells, shown in Figure 1, can be individually configured for both sequential and combinatorial logic operation. Eight product terms form a programmable-AND array that feeds an OR gate for combinatorial logic implementation. An additional product term is used for asynchronous clear control of the internal register; another product term implements either an output enable or a logic-array-generated clock. Inputs to the programmable-AND array come from both the true and complement signals of the dedicated inputs, feedbacks from I/O pins that are configured as inputs, and feedbacks from macrocell outputs. Signals from dedicated inputs are globally routed and can feed the inputs of all device macrocells. The feedback multiplexer controls the routing of feedback signals from macrocells and from I/O pins. For additional information on feedback select configurations, see Figure 3 on page 749. Figure 1. Classic Device Macrocell To Logic Array Output Enable/Clock Select Global Clock OE CLK Programmable Register Input, I/O, and Macrocell Feedbacks Logic Array Feedback Select CLR Q Asynchronous Clear VCC |