Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C5122DS-RDRUM Fiches technique(PDF) 31 Page - ATMEL Corporation

No de pièce AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Fiches technique(HTML) 31 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 27Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 28Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 29Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 30Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 31Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 32Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 33Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 34Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 208 page
background image
31
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Special Function
Registers (SFR’s)
Introduction
The Special Function Registers (SFRs) of the AT8xC5122/23 can be ranked into the fol-
lowing categories:
•
C51 Core Registers: ACC, B, DPH, DPL, PSW, SP
•
System Configuration Registers: PCON, CKRL, CKCON0, CKCON1, CKSEL,
PLLCON, PLLDIV, AUXR, AUXR1, RCON
•
I/O Port Registers: P0, P1, P2, P3, P4, P5, PMOD1, PMOD2
•
Timer Registers: TCON, TH0, TH1, TMOD, TL0, TL1
•
Watchdog (WD) Registers: WDTRST, WDTPRG
•
Serial I/O Port Registers: SADDR, SADEN, SBUF, SCON
•
Baud Rate Generator (BRG) Registers: BRL, BDRCON
•
System Interrupt Registers: IE0, IPL0, IPH0, IE1, IPL1, IPH1
•
Smart Card Interface (SCI) Registers: SCSR, SCCON/SCETU0, SCISR/SCETU1,
SCIER/SCIIR, SCIBUF, SCGT0/SCWT0, SCGT1/SCWT1, SCICR/SCWT2, SCICLK
•
DC/DC Converter Registers: DCCKPS
•
Keyboard Interface Registers: KBE, KBF, KBLS
•
Serial Port Interface (SPI) Registers: SPCON, SPSTA, SPDAT
•
Universal Serial Bus (USB) Registers:USBCON, USBADDR, USBINT, USBIEN,
UEPNUM, UEPCONX, UEPSTAX, UEPRST, UEPINT, UEPIEN, UEPDATX,
UBYCTX, UFNUML, UFNUMH
•
LED Controller Registers: LEDCON0, LEDCON1