| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8562TT/2 Fiches technique(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8562TT/2 Fiches technique(HTML) 12 Page - NXP Semiconductors |
|
12 / 36 page ![]() PCF8562_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 3 — 2 December 2008 12 of 36 NXP Semiconductors PCF8562 Universal LCD driver for low multiplex rates 7.4.4 1:4 Multiplex drive mode When four backplanes are provided in the LCD, the 1:4 multiplex drive mode applies (see Figure 8). (1) Vstate1(t) = VSn(t) − VBP0(t). (2) Von(RMS) = 0.577VLCD. (3) Vstate2(t) = VSn+1(t) − VBP1(t). (4) Voff(RMS) = 0.333VLCD. Fig 8. Waveforms for the 1:4 multiplex drive mode with 1 ⁄ 3 bias mgl749 state 1 BP0 (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 1 state 2 BP2 (a) Waveforms at driver. BP3 Sn Sn+1 Sn+2 Sn+3 Tfr VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 0 V VLCD 2VLCD / 3 −2VLCD / 3 VLCD / 3 −VLCD / 3 −VLCD 0 V VLCD 2VLCD / 3 −2VLCD / 3 VLCD / 3 −VLCD / 3 −VLCD VSS VLCD 2VLCD / 3 VLCD / 3 |