| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8562TT/2 Fiches technique(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8562TT/2 Fiches technique(HTML) 25 Page - NXP Semiconductors |
|
25 / 36 page ![]() PCF8562_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 3 — 2 December 2008 25 of 36 NXP Semiconductors PCF8562 Universal LCD driver for low multiplex rates 8. Internal circuitry Table 14. SYNC contact resistance Number of devices Maximum contact resistance 2 6000 Ω 3 to 5 2200 Ω 6 to 10 1200 Ω 10 to 16 700 Ω Fig 17. Device protection circuits SA0 VDD VDD VSS VSS VLCD VSS SDA 001aac269 VSS SCL VSS CLK VDD VSS OSC VDD VSS SYNC VDD VSS A0, A1, A2 VDD VSS BP0, BP1, BP2, BP3 VLCD VSS S0 to S31 VLCD VSS |