Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS972I Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TS972I
Description  OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS972I Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TS972I Datasheet HTML 4Page - STMicroelectronics TS972I Datasheet HTML 5Page - STMicroelectronics TS972I Datasheet HTML 6Page - STMicroelectronics TS972I Datasheet HTML 7Page - STMicroelectronics TS972I Datasheet HTML 8Page - STMicroelectronics TS972I Datasheet HTML 9Page - STMicroelectronics TS972I Datasheet HTML 10Page - STMicroelectronics TS972I Datasheet HTML 11Page - STMicroelectronics TS972I Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGE MECHANICAL DATA
14 PINS - PLASTIC MICROPACKAGE (SO)
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.2
0.004
0.008
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45
o (typ.)
D
8.55
8.75
0.336
0.334
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.150
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.020
0.050
M
0.68
0.027
S8
o (max.)
TS974ID
TS971-TS972-TS974
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12