Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS972I Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TS972I
Description  OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS972I Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TS972I Datasheet HTML 4Page - STMicroelectronics TS972I Datasheet HTML 5Page - STMicroelectronics TS972I Datasheet HTML 6Page - STMicroelectronics TS972I Datasheet HTML 7Page - STMicroelectronics TS972I Datasheet HTML 8Page - STMicroelectronics TS972I Datasheet HTML 9Page - STMicroelectronics TS972I Datasheet HTML 10Page - STMicroelectronics TS972I Datasheet HTML 11Page - STMicroelectronics TS972I Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PACKAGE MECHANICAL DATA
14 PINS - PLASTIC DIP
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
TS974IN
TS971-TS972-TS974
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12