Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8272EC Fiches technique(PDF) 32 Page - Freescale Semiconductor, Inc

No de pièce MPC8272EC
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272EC Fiches technique(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8272EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 2
32
Freescale Semiconductor
Clock Configuration Modes
0101_111
41.7
83.3
3
125.0 250.0
4.5
187.5 375.0
5
25.0
50.0
0110_000
60.0
120.0
2.5
150.0 300.0
2.5
150.0 300.0
6
25.0
50.0
0110_001
60.0
120.0
2.5
150.0 300.0
3
180.0 360.0
6
25.0
50.0
0110_010
60.0
120.0
2.5
150.0 300.0
3.5
210.0 420.0
6
25.0
50.0
0110_011
60.0
120.0
2.5
150.0 300.0
4
240.0 480.0
6
25.0
50.0
0110_100
60.0
120.0
2.5
150.0 300.0
4.5
270.0 540.0
6
25.0
50.0
0110_101
60.0
120.0
2.5
150.0 300.0
5
300.0 600.0
6
25.0
50.0
0110_110
60.0
120.0
2.5
150.0 300.0
6
360.0 720.0
6
25.0
50.0
0111_000
Reserved
0111_001
50.0
100.0
3
150.0 300.0
3
150.0 300.0
6
25.0
50.0
0111_010
50.0
100.0
3
150.0 300.0
3.5
175.0 350.0
6
25.0
50.0
0111_011
50.0
100.0
3
150.0 300.0
4
200.0 400.0
6
25.0
50.0
0111_100
50.0
100.0
3
150.0 300.0
4.5
225.0 450.0
6
25.0
50.0
1000_000
Reserved
1000_001
66.7
133.3
3
200.0 400.0
3
200.0 400.0
8
25.0
50.0
1000_010
66.7
133.3
3
200.0 400.0
3.5
233.3 466.7
8
25.0
50.0
1000_011
66.7
133.3
3
200.0 400.0
4
266.7 533.3
8
25.0
50.0
1000_100
66.7
133.3
3
200.0 400.0
4.5
300.0 600.0
8
25.0
50.0
1000_101
66.7
133.3
3
200.0 400.0
6
400.0 800.0
8
25.0
50.0
1000_110
66.7
133.3
3
200.0 400.0
6.5
433.3 866.7
8
25.0
50.0
1001_000
Reserved
1001_001
Reserved
1001_010
57.1
114.3
3.5
200.0 400.0
3.5
200.0 400.0
8
25.0
50.0
1001_011
57.1
114.3
3.5
200.0 400.0
4
228.6 457.1
8
25.0
50.0
1001_100
57.1
114.3
3.5
200.0 400.0
4.5
257.1 514.3
8
25.0
50.0
1001_101
42.9
85.7
3.5
150.0 300.0
5
214.3 428.6
6
25.0
50.0
Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor 6
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60