Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8272EC Fiches technique(PDF) 29 Page - Freescale Semiconductor, Inc

No de pièce MPC8272EC
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272EC Fiches technique(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8272EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 2
Freescale Semiconductor
29
Clock Configuration Modes
1010_001
75.0
100.0
2
150.0 200.0
2.5
187.5 250.0
3
50.0
66.7
1010_010
75.0
100.0
2
150.0 200.0
3
225.0 300.0
3
50.0
66.7
1010_011
75.0
100.0
2
150.0 200.0
3.5
262.5 350.0
3
50.0
66.7
1010_100
75.0
100.0
2
150.0 200.0
4
300.0 400.0
3
50.0
66.7
1010_101
100.0 133.3
2
200.0 266.6
2.5
250.0 333.3
4
50.0
66.7
1010_110
100.0 133.3
2
200.0 266.6
3
300.0 400.0
4
50.0
66.7
1010_111
100.0 133.3
2
200.0 266.6
3.5
350.0 466.6
4
50.0
66.7
1011_000
Reserved
1011_001
80.0
106.7
2.5
200.0 266.6
2.5
200.0 266.6
4
50.0
66.7
1011_010
80.0
106.7
2.5
200.0 266.6
3
240.0 320.0
4
50.0
66.7
1011_011
80.0
106.7
2.5
200.0 266.6
3.5
280.0 373.3
4
50.0
66.7
1011_100
80.0
106.7
2.5
200.0 266.6
4
320.0 426.6
4
50.0
66.7
1011_101
80.0
106.7
2.5
200.0 266.6
4.5
360.0 480.0
4
50.0
66.7
1101_000
100.0 133.3
2.5
250.0 333.3
3
300.0 400.0
5
50.0
66.7
1101_001
100.0 133.3
2.5
250.0 333.3
3.5
350.0 466.6
5
50.0
66.7
1101_010
100.0 133.3
2.5
250.0 333.3
4
400.0 533.3
5
50.0
66.7
1101_011
100.0 133.3
2.5
250.0 333.3
4.5
450.0 599.9
5
50.0
66.7
1101_100
100.0 133.3
2.5
250.0 333.3
5
500.0 666.6
5
50.0
66.7
1101_101
125.0 166.7
2
250.0 333.3
3
375.0 500.0
5
50.0
66.7
1101_110
125.0 166.7
2
250.0 333.3
4
500.0 666.6
5
50.0
66.7
1110_000
100.0 133.3
3
300.0 400.0
3.5
350.0 466.6
6
50.0
66.7
1110_001
100.0 133.3
3
300.0 400.0
4
400.0 533.3
6
50.0
66.7
1110_010
100.0 133.3
3
300.0 400.0
4.5
450.0 599.9
6
50.0
66.7
1110_011
100.0 133.3
3
300.0 400.0
5
500.0 666.6
6
50.0
66.7
1110_100
100.0 133.3
3
300.0 400.0
5.5
550.0 733.3
6
50.0
66.7
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor 6
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60