Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP3V5004GP Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MP3V5004GP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5004GP Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MP3V5004GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Sensors
2
Freescale Semiconductor
MP3V5004G
Figure 1. Fully Integrated Pressure Sensor Schematic
Table 1. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
PMAX
16
kPa
Storage Temperature
TSTG
–30 to +100
°C
Operating Temperature
TA
0 to +85
°C
Table 2. Operating Characteristics (VS = 3.0 VDC, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Units
Pressure Range
POP
0
—
3.92
400
kPa
mm H2O
Supply Voltage(1)
1. Device is ratiometric within this specified excitation range.
VS
2.7
3.0
3.3
VDC
Supply Current
IS
—
—
10
mAdc
Span at 306 mm H2O (3 kPa)
(2)
2. Span is defined as the algebraic difference between the output voltage at specified pressure and the output voltage at the minimum rated
pressure.
VFSS
—
1.8
—
V
Offset(3) (4)
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
4. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis:Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• Offset Stability:
Output deviation, after 1000 temperature cycles, –30 to 100
°C, and 1.5 million pressure cycles, with minimum
rated pressure applied.
• TcSpan:
Output deviation over the temperature range of 10 to 60
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 10 to 60
°C, relative to 25°C.
• Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
VOFF
0.45
0.6
0.75
V
Sensitivity
V/P
—
0.6
5.9
—
V/kPa
mV/mm H2O
Accuracy(4) (5)
0 to 100 mm H2O (10 to 60°C)
100 to 400 mm H2O (10 to 60°C)
5. Auto Zero at Factory Installation: Due to the sensitivity of the MP3V5004G, external mechanical stresses and mounting position can affect
the zero pressure output reading. Autozeroing is defined as storing the zero pressure output reading and subtracting this from the device's
output during normal operations. Reference AN1636 for specific information. The specified accuracy assumes a maximum temperature
change of ± 5
°C between autozero and measurement.
—
—
—
—
—
—
±1.5
±2.5
%VFSS
%VFSS
VOUT
VS
Sensing
Element
GND
Thin Film
Temperature
Compensation
and Calibration
Circuitry
Gain Stage #2
and
Ground
Reference
Shift Circuitry
Pins 1, 5, 6, 7, and 8 are NO CONNECTS
for small outline package device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14