Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP3V5004GP Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MP3V5004GP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5004GP Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MP3V5004GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 9Page - Freescale Semiconductor, Inc MP3V5004GP Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Sensors
6
Freescale Semiconductor
MP3V5004G
PACKAGE DIMENSIONS
MILLIMETERS
INCHES
0.100 BSC
2.54 BSC
DIM
A
B
C
D
G
J
K
M
N
S
V
W
MIN
0.415
0.415
0.500
0.026
0.009
0.100
0˚
0.444
0.540
0.245
0.115
MAX
0.425
0.425
0.520
0.034
0.011
0.120
15˚
0.448
0.560
0.255
0.125
MIN
10.54
10.54
12.70
0.66
0.23
2.54
0˚
11.28
13.72
6.22
2.92
MAX
10.79
10.79
13.21
0.864
0.28
3.05
15˚
11.38
14.22
6.48
3.17
PIN 1
IDENTIFIER
K
SEATING
PLANE
-T-
W
DETAIL X
S
G
4
5
8
1
-A-
-B-
N
C
V
M
J
D 8 PL
S
B
M
0.25 (0.010)
A S
T
DETAIL X
NOTES:
1.
2.
3.
4.
5.
6.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
MAXIMUM MOLD PROTRUSION 0.15 (0.006).
ALL VERTICAL SURFACES 5˚ TYPICAL DRAFT.
DIMENSION S TO CENTER OF LEAD WHEN
FORMED PARALLEL.
CASE 482C-03
ISSUE B
SMALL OUTLINE PACKAGE
THROUGH-HOLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14