| Moteur de recherche de fiches techniques de composants électroniques |
|
TS904 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS904 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage - (note 1) 18 V Vid Differential Input Voltage - (note 2) ±18 V Vi Input Voltage - (note 3) -0.3 to 18 V Iin Current on Inputs ±50 mA Io Current on Outputs ±130 mA Toper Operating Free Air Temperature Range TS904I/AI -40 to +125 oC Tstg Storage Temperature -65 to +150 oC Notes : 1. All voltage values, except differential voltage are with respect to network ground terminal. 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of input and output voltages must never exceed VCC + +0.3V. Non-inverting Input Inve rting Input Inte rna l Vref Output VCC VCC Sta ndby S ta ndby S ta ndby S ta ndby SCHEMATIC DIAGRAM (1/4 TS904) No n -inve rtin g In pu t In ve rting Inp ut In tern al Vref Outp u t VCC VCC Sta n db y Sta nd b y Standby Standby STANDBY POSITION OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage 2.7 to 16 V Vicm Common Mode Input Voltage Range VCC - -0.2 to VCC+ +0.2 V TS904 2/12 |