Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS904 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TS904
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS904 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TS904 Datasheet HTML 4Page - STMicroelectronics TS904 Datasheet HTML 5Page - STMicroelectronics TS904 Datasheet HTML 6Page - STMicroelectronics TS904 Datasheet HTML 7Page - STMicroelectronics TS904 Datasheet HTML 8Page - STMicroelectronics TS904 Datasheet HTML 9Page - STMicroelectronics TS904 Datasheet HTML 10Page - STMicroelectronics TS904 Datasheet HTML 11Page - STMicroelectronics TS904 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE MECHANICAL DATA
16 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
TS904
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12