| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7503 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7503 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 26 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VDDC Core DC Supply voltage -0.5 to 5 V VDDP Pads DC Supply voltage -0.5 to 6.5 V VI,VIN Digital or analog input voltage -0.5 to (VDDP +0.5) V Top Operative temperature range -40 to 85 °C Tstg Storage temperature range (plastic) -55 to 150 °C THERMAL DATA Symbol Parameter Value Unit Rth j-amb Thermal resistance Junction to Ambient 85 °C/W 1 2 3 5 6 4 7 8 9 10 45 11 46 47 48 49 50 86 85 84 83 81 82 80 79 78 77 76 70 69 68 66 65 67 75 74 73 71 72 MOSI MISO RESET VDDI3_CORE3 T1(P3.5) VSSI3_CORE3 LRCKR VDDE5_CI1 VSSE5_CI1 SCLK SS/GPIOS XPSEN RA11(P2.3) RA9(P2.1) RA13(P2.5) RA14(P2.6) RA8(P2.0) RA10(P2.2) VSSI3_CORE4 VDDI3_CORE4 VDDE5_MI1 VSSE5_MI1 D97AU693 40 41 42 43 44 97 96 95 94 92 93 91 90 89 88 87 100 99 98 34 35 36 37 38 39 29 30 31 32 33 26 27 28 12 13 14 16 17 15 18 19 20 21 22 59 58 57 55 54 56 64 63 62 60 61 SDO4 SDI0 SDI1 SDI3 SCLKR SDI2 VSSI3_CORE2 SDO0 SDO1 SDO3 SDO2 SRA9/DRA5 VDDE5_DR2 VSSE5_DR2 SRA13/RAS VSSI3_CORE1 SRA8/DRA4 RA15(P2.7) RA12(P2.4) SRA10/DRA6 SRA11/DRA7 DRD 23 24 25 52 51 53 LRCKT SCLKT VDDI3_CORE2 DWR ALE/CAS VDDI3_CORE1 PIN CONNECTION TDA7503 2/26 |