Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7503 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 9Page - STMicroelectronics TDA7503 Datasheet HTML 10Page - STMicroelectronics TDA7503 Datasheet HTML 11Page - STMicroelectronics TDA7503 Datasheet HTML 12Page - STMicroelectronics TDA7503 Datasheet HTML 13Page - STMicroelectronics TDA7503 Datasheet HTML 14Page - STMicroelectronics TDA7503 Datasheet HTML 15Page - STMicroelectronics TDA7503 Datasheet HTML 16Page - STMicroelectronics TDA7503 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SPI INTERFACE
Symbol
Description
Min
Value
Unit
MASTER
tsclk
Clock Cycle
mclk/12
µs
tdtr
Sclk edge to MOSI valid
40
µs
tdts
MISO setup time
5
µs
SLAVE
tsclk
Clock Cycle
mclk/6
µs
tdtr
Sclk edge to MOSI valid
40
µs
tdts
MISO setup time
5
µs
tsckph
Minimum SCK high time
mclk/12
µs
tsckpl
Minimum SCK low time
mclk/12
µs
SCLK
(CPOL=0, CPHA=0)
SCLK
SCLK
SCLK
MISO/
MOSI
SS
(CPOL=0, CPHA=1)
(CPOL=1, CPHA=0)
(CPOL=1, CPHA=1)
Internal Strobe for Data Capture
MSB
6
5
4
3
2
1
LSB
Figure 8. SPI Clocking scheme.
TDA7503
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26